Part Number Hot Search : 
MBR8100 C18F25 D45D4 LD5000R PA1007 BA541 U5021M05 LM336BAP
Product Description
Full Text Search
 

To Download AZ393 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS General Description
The AZ393 series consists of two independent precision voltage comparators with an offset voltage specification as low as 1mV. The input common mode voltage range of these comparators includes ground, even when operated from a single power supply voltage. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. The AZ393 series is designed to directly interface with TTL and CMOS. The AZ393 series can be widely used in such applications as battery charger, cordless telephone, switching power supply, DC-DC module and PC motherboard.
Features
* Wide supply - Voltage range: 2.0V to 18V - Single or dual supplies: 1.0V to 9V Very low supply current drain: 0.4mA - independent of supply voltage Low input bias current: 25nA Low input offset current: 5nA Low input offset voltage: 1mV Input common mode voltage range that includes ground Differential input voltage range equal to the power supply voltage Low output saturation voltage: 250mV at 4mA Open-collector output
* * * * * * * *
Applications
* * * * * * Battery Charger Cordless Telephone Switching Power Supply DC-DC Module PC Motherboard Communication Equipment
DIP-8
SOIC-8
Figure 1. Package Types of AZ393
Issue Date: Feb. 2003
1
Rev. 1.0
Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS Pin Configuration
SOIC-8/DIP-8 OUTPUT1
INPUT1-
1 2 3 4
8 7 7 6 5
VCC OUTPUT 2 INPUT 2INPUT 2+
INPUT1+ GND
Top View Figure 2. Pin Configuration of AZ393
Functional Block Diagram
V CC
3.5A
100A
3.5A
100A
+INPUT
Q1
Q2
Q3 Q4 O UTPUT Q8 Q7
-INPUT
Q5
Q6
Figure 3. Functional Block Diagram of AZ393 (Each Comparator)
Issue Date: Feb. 2003
2
Rev. 1.0
Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS Ordering Information
Package SOIC-8 DIP-8 Temperature Range -40oC ~ 85oC Part Number AZ393M AZ393P Marking ID AZ393M AZ393P
Packing Type Tube/ Reel Tube
Absolute Maximum Ratings (Note 1)
(Operation temperature range applies unless otherwise specified.) Parameter Supply Voltage Differential Input Voltage Input Voltage Input Current (VIN < -0.3V) Power Dissipation Output Short -Circuit to Ground Operating Temperature Storage Temperature Lead Temperature (Soldering, 10 seconds) TA TSTG TLEAD -40 -65 Symbol VCC VID VIN IIN PD Continuous 85 165 260
o o
Min
Max 20 20
Unit V V V mA mW
-0.3
20 50 780
C C
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operation Ratings " is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Recommended Operation Ratings
Parameter Supply Voltage Operating Temperature Range -40 Min Max 18 85 Unit V
o
C
Issue Date: Feb. 2003
3
Rev. 1.0
Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS Electrical Characteristics
VCC = +5V, TA = 25oC, unless otherwise specified. Parameter Input Offset Voltage Input Bias Current Input Offset Current Input Common Mode Voltage Range Supply Current Voltage Gain Large Signal Response Time Response Time Output Sink Current Saturation Voltage Output Leakage Current (Note 2) I IN (+) or I IN (-) with output in linear range, VCM = 0V, (Note 3) I IN (+) - I IN (-), VCM = 0V VCC=15V, (Note 4) RL=, VCC = 5V RL=, VCC = 18V RL 15K, VCC = 8V, VO = 1V to 6V VIN = TTL logic swing, VREF = 1.4V, VRL = 5V, RL = 5.1K VRL = 5V, RL = 5.1K, (Note 5) VIN (-) = 1V, VIN (+) = 0, VO 1.5V VIN (-) = 1V, VIN (+) = 0, ISINK 4mA VIN (-) = 0, VIN (+) = 1V, VO = 5V 6.0 50 0 0.4 1.0 200 300 Conditions Min Typ 1.0 25 5.0 Max 5.0 250 50 VCC-1.5 1.0 2.5
Unit mV nA nA V mA V/mV ns
1.3 16 250 0.1 400
s
mA mV nA
Note 2: At output switch point, VO=1.4V, RS=0 with VCC from 5V to 15V, and over the full common-mode range (0V to VCC - 1.5V), at 25oC. Note 3: The direction of the input current is out of the PNP input stage. This current is essentially constant, independent of the state of the output, so no loading charge exists on the reference of input lines. Note 4: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC - 1.5V, but either or both inputs can go to +18V without damage, independent of the magnitude of VCC. Note 5: The response time specified is a 100mV input step with 5mV overdrive. For large overdrive signals 300ns can be obtained.
Issue Date: Feb. 2003
4
Rev. 1.0
Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS Typical Characteristics
0.7
-40C SUPPLY CURRENT(mA)
0.6
o
30
-40C INPUT CURRENT (nADC)
25
o
25C
0.5
o
25C
20
o
85C
0.4 0.3 0.2 0.1 0.0
o
85C
15
o
10
5
0
2
4
6
8
10
12
14
16
18
0
0
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (VDC)
SUPPLY VOLTAGE (VDC)
Figure 4. Supply Voltage vs. Supply Current
10
Figure 5. Supply Voltage vs. Input Current
SATURATION VOLTAGE (VDC)
OUTPUT VOLTAGE
6V 4V 2V 0 105mV
VOUT VOUT
5V
1
0.1
VIN VIN
5.1K VIN _
5V
VOUT
85C
0.01
o
INPUT VOLTAGE
25C -40C
o
o
100mV
+
5.1K VIN _ VOUT
5mV
100mV
+
1E-3 0.01
0.1
1
10
100
OUTPUT SINK CURRENT(mA)
0
0
0.4 0.8 1.2 1.6
2
2.4 2.8 3.2 3.6
4
TIME (s)
Figure 6. Output Sink Current vs. Saturation Voltage
OUTPUT VOLTAGE
6V 4V 2V 0V 200mV
5V
Figure 7. Response Time for 5mV Input Overdrive Negative Transition
5.1K
VOUT
VIN
_ VOUT
100mV
+
INPUT VOLTAGE
150mV 100mV 50mV 0 0
VIN
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
TIME (s)
Figure 8. Response Time for 5mV Input Overdrive Positive Transition
Issue Date: Feb. 2003
5
Rev. 1.0
Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS Typical Applications
VCC
+5.0VDC
3K +VIN
+
+
1/2 AZ393 VO
8
100K
1/2 AZ393 1/4 MM54CXX 4
+VREF
-
Figure 9. Basic Comparator
Figure 10. Driving CMOS/TTL
VCC
VCC
1M 100pF +VIN IN914 1M -
4.3K
10K
100K
75pF
1/2 AZ393
VO
1/2 AZ393 + VO
+
0.001pF
VIN
100K
1M
IN914
100K
Figure 11. One Shot Multivibrator
Figure 12. Squarewave Oscillator
Issue Date: Feb. 2003
6
Rev. 1.0
Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS Mechanical Dimensions DIP - 8
9.20.10
6
6
7.620.25 5
3.300.30
1.460.31
0.7
4
4
3x0.150.05
0.254 0.457
2.54 0.13MIN
0.280.07 10.0MAX
R0.75
6.600.50
Issue Date: Feb. 2003
7
Rev. 1.0
Advanced Analog Circuits
Data sheet AZ393
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS Mechanical Dimensions (Continued) SOIC - 8
1.550.20
0.220.03
0.32
8
4.90.10 7
0.700.025
0.20.10
7
8
D
6.000.20
D 20:1
0.8
3.900.10
4 4
0.90
1.00
R0.15
R0.15
0.420.09
3 2
0.20
Issue Date: Feb. 2003
8
Rev. 1.0
Advanced Analog Circuits
http://www.aacmicro.com
USA: 1510 Montague Expressway, San Jose, CA 95131, USA China: 8th Floor, Zone B, 900 Yi Shan RoadShanghai 200233, China Taiwan: 8F, No.50, Lane10, Kee Hu Road, Nei Hu, TaiPei 114, Taiwan
IMPORTANT NOTICE
Tel: 408-433-9888Fax: 408-432-9888 Tel: 86-21-6495-9539, Fax: 86-21-6485-9673 Tel: 886-2-2657-8811, Fax: 886-2-2657-9090
Advanced Analog Circuits Corporation reserves the right to make changes to its products or specifications at any time, without notice, to improve design or performance and to supply the best possible product. Advanced Analog Circuits does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Advanced Analog Circuits' products. The company makes no representation that circuitry described herein is free from patent infringement or other rights of Advanced Analog Circuits Corporation.


▲Up To Search▲   

 
Price & Availability of AZ393

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X